Part Number Hot Search : 
30060C UR18650 ZMM4V3 IRF620 2SB541 AFL50XXS TGP210 W6694CD
Product Description
Full Text Search
 

To Download 1N6299A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHONGQING PINGYANG ELECTRONICS CO.,LTD.
1.5KE6.8 THRU 1.5KE440A
TRANSIENT VOLTAGE SUPPRESSOR
BREAKDOWN VOLTAGE6.8- 440V PEAK PULSE POWER1500W
FEATURES
*1500 Watts Peak Power capability on 10/1000 us waveform *Excellent clamping capability *Low zener impedance *Fast response time
DO-27
1.0(25.4) MIN. .375(9.5) .335(8.5) 1.0(25.4) MIN.
.052(1.3) .048(1.2)
DIA.
MECHANICAL DATA
*Case: Molded plastic *Epoxy: UL94V-0 rate flame retardant *Lead: MIL-STD- 202E, Method 208 guaranteed *Polarity:Color band denotes cathode end (cathode) except bidirectional types *Mounting position: Any *Weight: 1.2 grams
.220(5.6) .187(5.0)
DIA.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%.
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA suffix (e.g. 1.5KE6.8C, 1.5KE440CA) Electrical characteristcs apply in both directions
SYMBOL
VALUE Minmum 1500 5.0 200 3.5/5.0
units
W W A V
Peak Pulse Power Dissipation on 10/1000 us waverform (Note. 1) Steady Stste Power Dissipation at TL=75C lead lengths .375"(9.5mm) (Note 2) Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rate load (JEDEC method) (Note 3) Maximum Instantaneous Forward Voltage at 50A for Unidirectional Only Note 4
PPPM PM(AV) IFSM VF
Notes: 1. Non-repetitive current pulse, derated above TA=25C 2. Mounted on Copper leaf area of 1.6x1.6"(40x40mm) 3. 8.3ms single half sine-wave equivalent square wave, duty cycle = 4 pulses per minute maximum 4. VF=3.5V max.for devices of V(BR) 200V and VF=6.5V max. for decices of V(BR) 200V
PDF "pdfFactory Pro" www.fineprint.cn
CHONGQING PINGYANG ELECTRONICS CO.,LTD. 1.5KW(1500W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
TYPE
1.5KE6.8 1.5KE6.8A 1.5KE7.5 1.5KE7.5A 1.5KE8.2 1.5KE8.2A 1.5KE9.1 1.5KE9.1A 1.5KE10 1.5KE10A 1.5KE11 1.5KE11A 1.5KE12 1.5KE12A 1.5KE13 1.5KE13A 1.5KE15 1.5KE15A 1.5KE16 1.5KE16A 1.5KE18 1.5KE18A 1.5KE20 1.5KE20A 1.5KE22 1.5KE22A 1.5KE24 1.5KE24A 1.5KE27 1.5KE27A 1.5KE30 1.5KE30A 1.5KE33 1.5KE33A 1.5KE36 1.5KE36A 1.5KE39 1.5KE39A 1.5KE43 1.5KE43A 1.5KE47 1.5KE47A 1.5KE51 1.5KE51A 1.5KE56 1.5KE56A
JEDEC PART NUMBER
1N6267 1N6267A 1N6268 1N6268A 1N6269 1N6269A 1N6270 1N6270A 1N6271 1N6271A 1N6272 1N6272A 1N6273 1N6273A 1N6274 1N6274A 1N6275 1N6275A 1N6276 1N6276A 1N6277 1N6277A 1N6278 1N6278A 1N6279 1N6279A 1N6280 1N6280A 1N6281 1N6281A 1N6282 1N6282A 1N6283 1N6283A 1N6284 1N6284A 1N6285 1N6285A 1N6286 1N6286A 1N6287 1N6287A 1N6288 1N6288A 1N6289 1N6289A
Breakdown Voltage VBR @IT (Volts) (MA) MIN. MAX. 6.12 7.48 10 6.45 7.14 10 6.75 8.25 10 7.13 7.88 10 7.38 9.02 10 7.79 8.61 10 8.19 10 1.0 8.69 9.55 1.0 9.00 11.0 1.0 9.50 10.5 1.0 9.90 12.1 1.0 10.5 11.6 1.0 10.8 13.2 1.0 11.4 12.6 1.0 11.7 14.3 1.0 12.4 13.7 1.0 13.5 16.5 1.0 14.3 15.8 1.0 14.4 17.6 1.0 15.2 16.8 1.0 16.2 19.8 1.0 17.1 18.9 1.0 18.0 22.0 1.0 19.0 21.0 1.0 19.8 24.2 1.0 20.9 23.1 1.0 21.6 26.4 1.0 22.8 25.2 1.0 24.3 29.7 1.0 25.7 28.4 1.0 27.0 33.0 1.0 28.5 31.5 1.0 29.7 36.3 1.0 31.4 34.7 1.0 32.4 39.6 1.0 34.2 37.8 1.0 35.1 42.9 1.0 37.1 41.0 1.0 38.7 47.3 1.0 40.9 45.2 1.0 42.3 51.7 1.0 44.7 49.4 1.0 45.9 56.1 1.0 48.5 53.6 1.0 50.4 61.6 1.0 53.2 58.8 1.0
Reverse Stand off Voltage VWM (Volts) 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4 47.8
Maximum Maximum Reverse Peak Pulse Leakage at VWM Current IPPM ID(A) (Amps) 1000 139 1000 142 500 128 500 132 200 120 200 124 50 109 50 112 10 100 10 103 5.0 93.0 5.0 96.0 5.0 87.0 5.0 90.0 5.0 79.0 5.0 82.0 5.0 68.0 5.0 71.0 5.0 64.0 5.0 67.0 5.0 56.5 5.0 59.5 5.0 51.5 5.0 54.0 5.0 47.0 5.0 49.0 5.0 43.0 5.0 45.0 5.0 38.5 5.0 40.0 5.0 35.5 5.0 36.0 5.0 31.5 5.0 33.0 5.0 29.0 5.0 30.0 5.0 26.5 5.0 28.0 5.0 24.0 5.0 26.3 5.0 22.2 5.0 23.2 5.0 20.4 5.0 21.4 5.0 18.6 5.0 19.5
Maximum Clamping Voltage at IPPM VC (Volts) 10.8 10.5 11.7 11.3 12.6 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0
PDF "pdfFactory Pro" www.fineprint.cn
CHONGQING PINGYANG ELECTRONICS CO.,LTD. 1.5KW(1500W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
TYPE
1.5KE62 1.5KE62A 1.5KE68 1.5KE68A 1.5KE75 1.5KE75A 1.5KE82 1.5KE82A 1.5KE91 1.5KE91A 1.5KE100 1.5KE100A 1.5KE110 1.5KE110A 1.5KE120 1.5KE120A 1.5KE130 1.5KE130A 1.5KE150 1.5KE150A 1.5KE160 1.5KE160A 1.5KE170 1.5KE170A 1.5KE180 1.5KE180A 1.5KE200 1.5KE200A 1.5KE220 1.5KE220A 1.5KE250 1.5KE250A 1.5KE300 1.5KE300A 1.5KE350 1.5KE350A 1.5KE400 1.5KE400A 1.5KE440 1.5KE440A
JEDEC PART NUMBER
1N6290 1N6290A 1N6291 1N6291A 1N6292 1N6292A 1N6293 1N6293A 1N6294 1N6294A 1N6295 1N6295A 1N6296 1N6296A 1N6297 1N6297A 1N6298 1N6298A 1N6299 1N6299A 1N6300 1N6300A 1N6301 1N6301A 1N6302 1N6302A 1N6303 1N6303A
Breakdown Voltage VBR @IT (Volts) (MA) MIN. MAX. 55.8 68.2 1.0 58.9 65.1 1.0 61.2 74.8 1.0 64.6 71.4 1.0 67.5 82.5 1.0 71.2 78.8 1.0 73.8 90.2 1.0 77.9 86.1 1.0 81.9 100 1.0 86.5 95.5 1.0 90.0 110 1.0 95.0 105 1.0 99.0 121 1.0 105 116 1.0 108 132 1.0 114 126 1.0 117 143 1.0 124 137 1.0 135 165 1.0 143 158 1.0 144 176 1.0 152 168 1.0 153 187 1.0 162 179 1.0 162 198 1.0 171 189 1.0 180 220 1.0 190 210 1.0 198 242 1.0 209 231 1.0 225 275 1.0 237 263 1.0 270 330 1.0 285 315 1.0 315 385 1.0 332 368 1.0 360 440 1.0 380 420 1.0 396 484 1.0 418 462 1.0
Reverse Maximum Maximum Maximum Stand off Reverse Peak Pulse Clamping Voltage VWM Leakage at VWM Current IPPM Voltage at IPPM (Volts) ID(A) (Amps) VC (Volts) 50.2 5.0 16.9 89.0 53.0 5.0 17.7 85.0 55.1 5.0 15.3 98.0 58.1 5.0 16.3 92.0 60.7 5.0 13.9 108 64.1 5.0 14.6 103 66.4 5.0 12.7 118 70.1 5.0 13.3 113 73.7 5.0 11.4 131 77.8 5.0 12.0 125 81.0 5.0 10.4 144 85.5 5.0 11.0 137 89.2 5.0 9.5 158 94.0 5.0 9.9 152 97.2 5.0 8.7 173 102 5.0 9.1 165 105 5.0 8.0 187 111 5.0 8.4 179 121 5.0 7.0 215 128 5.0 7.2 207 130 5.0 6.5 230 136 5.0 6.8 219 138 5.0 6.2 244 145 5.0 6.4 234 146 5.0 5.8 258 154 5.0 6.1 246 162 5.0 5.21 287 171 5.0 5.5 274 175 5.0 4.3 344 185 5.0 4.6 328 202 5.0 5.0 360 214 5.0 5.0 344 243 5.0 5.0 430 256 5.0 5.0 414 284 5.0 5.0 504 300 5.0 4.0 482 324 5.0 4.0 574 342 5.0 4.0 548 356 5.0 2.3 630 376 5.0 2.3 600
NOTES: 1.VBR measured adter IT applied for 300s. IT=Square Pulse Wave or equivalent 2.For bidirectonal use C or CA suffixs for all types (ex. 1.5KE6.8C, 1.5KE440CA) electrical characteristics apply in both directions 3.For bidirectional types having VWM of 10 volts and less, the ID limit is doubled
PDF "pdfFactory Pro" www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of 1N6299A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X